Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 35 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 31Page - Microchip Technology CAP1166 Datasheet HTML 32Page - Microchip Technology CAP1166 Datasheet HTML 33Page - Microchip Technology CAP1166 Datasheet HTML 34Page - Microchip Technology CAP1166 Datasheet HTML 35Page - Microchip Technology CAP1166 Datasheet HTML 36Page - Microchip Technology CAP1166 Datasheet HTML 37Page - Microchip Technology CAP1166 Datasheet HTML 38Page - Microchip Technology CAP1166 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
CAP1166
DS00001621B-page 35
 2015 Microchip Technology Inc.
Bit 3 - LED4_DN - Indicates that LED4 has finished its behavior after being actuated by the host.
Bit 2 - LED3_DN - Indicates that LED3 has finished its behavior after being actuated by the host.
Bit 1 - LED2_DN - Indicates that LED2 has finished its behavior after being actuated by the host.
Bit 0 - LED1_DN - Indicates that LED1 has finished its behavior after being actuated by the host.
6.3
Noise Flag Status Registers
The Noise Flag Status registers store status bits that are generated from the analog block if the detected noise is above
the operating region of the analog detector or the RF noise detector. These bits indicate that the most recently received
data from the sensor input is invalid and should not be used for touch detection. So long as the bit is set for a particular
channel, the delta count value is reset to 00h and thus no touch is detected.
These bits are not sticky and will be cleared automatically if the analog block does not report a noise error.
APPLICATION NOTE: If the MTP detection circuitry is enabled, these bits count as sensor inputs above the MTP
threshold (see Section 5.5.4, "Multiple Touch Pattern Detection") even if the corresponding
delta count is not. If the corresponding delta count also exceeds the MTP threshold, it is not
counted twice.
APPLICATION NOTE: Regardless of the state of the Noise Status bits, if low frequency noise is detected on a
sensor input, that sample will be discarded unless the DIS_ANA_NOISE bit is set. As well,
if RF noise is detected on a sensor input, that sample will be discarded unless the
DIS_RF_NOISE bit is set.
6.4
Sensor Input Delta Count Registers
The Sensor Input Delta Count registers store the delta count that is compared against the threshold used to determine
if a touch has been detected. The count value represents a change in input due to the capacitance associated with a
touch on one of the sensor inputs and is referenced to a calibrated base “Not Touched” count value. The delta is an
instantaneous change and is updated once per sensor input per sensing cycle (see Section 5.5.1, "Sensing Cycle").
The value presented is a standard 2’s complement number. In addition, the value is capped at a value of 7Fh. A reading
of 7Fh indicates that the sensitivity settings are too high and should be adjusted accordingly (see Section 6.5).
The value is also capped at a negative value of 80h for negative delta counts which may result upon a release.
TABLE 6-5:
NOISE FLAG STATUS REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
0Ah
R
Noise Flag Status
--
CS6_
NOISE
CS5_
NOISE
CS4_
NOISE
CS3_
NOISE
CS2_
NOISE
CS1_
NOISE
00h
TABLE 6-6:
SENSOR INPUT DELTA COUNT REGISTERS
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
10h
R
Sensor Input 1
Delta Count
Sign
64
32
16
8
4
2
1
00h
11h
R
Sensor Input 2
Delta Count
Sign
64
32
16
8
4
2
1
00h
12h
R
Sensor Input 3
Delta Count
Sign
64
32
16
8
4
2
1
00h
13h
R
Sensor Input 4
Delta Count
Sign
64
32
16
8
4
2
1
00h
14h
R
Sensor Input 5
Delta Count
Sign
64
32
16
8
4
2
1
00h
15h
R
Sensor Input 6
Delta Count
Sign
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com