Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 44 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 44 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 40Page - Microchip Technology CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology CAP1166 Datasheet HTML 46Page - Microchip Technology CAP1166 Datasheet HTML 47Page - Microchip Technology CAP1166 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 44
CAP1166
6.15
Multiple Touch Pattern Configuration Register
The Multiple Touch Pattern Configuration register controls the settings for the multiple touch pattern detection circuitry.
This circuitry works like the multiple touch detection circuitry with the following differences:
1.
The detection threshold is a percentage of the touch detection threshold as defined by the MTP_TH[1:0] bits
whereas the multiple touch circuitry uses the touch detection threshold.
2.
The MTP detection circuitry either will detect a specific pattern of sensor inputs as determined by the Multiple
Touch Pattern register settings or it will use the Multiple Touch Pattern register settings to determine a minimum
number of sensor inputs that will cause the MTP circuitry to flag an event. When using pattern recognition mode,
if all of the sensor inputs set by the Multiple Touch Pattern register have a delta count greater than the MTP
threshold or have their corresponding Noise Flag Status bits set, the MTP bit will be set. When using the absolute
number mode, if the number of sensor inputs with thresholds above the MTP threshold or with Noise Flag Status
bits set is equal to or greater than this number, the MTP bit will be set.
3.
When an MTP event occurs, all touches are blocked and an interrupt is generated.
4.
All sensor inputs will remain blocked so long as the requisite number of sensor inputs are above the MTP thresh-
old or have Noise Flag Status bits set. Once this condition is removed, touch detection will be restored. Note that
the MTP status bit is only cleared by writing a ‘0’ to the INT bit once the condition has been removed.
Bit 7 - MTP_EN - Enables the multiple touch pattern detection circuitry.
• ‘0’ (default) - The MTP detection circuitry is disabled.
• ‘1’ - The MTP detection circuitry is enabled.
Bits 3-2 - MTP_TH[1:0] - Determine the MTP threshold, as shown in Table 6-27. This threshold is a percentage of sensor
input threshold (see Section 6.18, "Sensor Input Threshold Registers") when the device is in the Fully Active state or of
the standby threshold (see Section 6.23, "Standby Threshold Register") when the device is in the Standby state.
Bit 1 - COMP_PTRN - Determines whether the MTP detection circuitry will use the Multiple Touch Pattern register as a
specific pattern of sensor inputs or as an absolute number of sensor inputs.
• ‘0’ (default) - The MTP detection circuitry will use the Multiple Touch Pattern register bit settings as an absolute
minimum number of sensor inputs that must be above the threshold or have Noise Flag Status bits set. The num-
ber will be equal to the number of bits set in the register.
• ‘1’ - The MTP detection circuitry will use pattern recognition. Each bit set in the Multiple Touch Pattern register
indicates a specific sensor input that must have a delta count greater than the MTP threshold or have a Noise Flag
Status bit set. If the criteria are met, the MTP status bit will be set.
Bit 0 - MTP_ALERT - Enables an interrupt if an MTP event occurs. In either condition, the MTP status bit will be set.
• ‘0’ (default) - If an MTP event occurs, the ALERT# pin is not asserted.
• ‘1’ - If an MTP event occurs, the ALERT# pin will be asserted.
TABLE 6-26:
MULTIPLE TOUCH PATTERN CONFIGURATION
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Bh
R/W
Multiple Touch
Pattern Config
MTP_ EN
-
-
MTP_TH[1:0]
COMP_
PTRN
MTP_
ALERT
00h
TABLE 6-27:
MTP_TH BIT DECODE
MTP_TH[1:0]
Threshold Divide Setting
10
0
0
12.5% (default)
01
25%
10
37.5%
1
1
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com