Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 53 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 53 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 49Page - Microchip Technology CAP1166 Datasheet HTML 50Page - Microchip Technology CAP1166 Datasheet HTML 51Page - Microchip Technology CAP1166 Datasheet HTML 52Page - Microchip Technology CAP1166 Datasheet HTML 53Page - Microchip Technology CAP1166 Datasheet HTML 54Page - Microchip Technology CAP1166 Datasheet HTML 55Page - Microchip Technology CAP1166 Datasheet HTML 56Page - Microchip Technology CAP1166 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
CAP1166
DS00001621B-page 53
 2015 Microchip Technology Inc.
The LED Polarity Control Register will determine the non actuated state of the LED pins. The actuated LED behavior is
determined by the LED behavior controls (see Section 6.31, "LED Behavior Registers").
Table 6-48 shows the interaction between the polarity controls, output controls, and relative brightness.
Bit 5 - LED6_DR - Determines whether LED6 output is driven high or low.
• ‘0’ (default) - The LED6 output is driven at the minimum duty cycle or not actuated.
• ‘1’ - The LED6 output is driven at the maximum duty cycle or is actuated.
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
6.29
Linked LED Transition Control Register
The Linked LED Transition Control register controls the LED drive when the LED is linked to a capacitive touch sensor
input. These controls work in conjunction with the INV_LINK_TRAN bit (see Section 6.6.2, "Configuration 2 - 44h") to
create smooth transitions from host control to linked LEDs.
Note:
If an LED is linked to a sensor input in the Sensor Input LED Linking Register (Section 6.26, "Sensor Input
LED Linking Register"), the corresponding bit in the LED Output Control Register is ignored (i.e. a linked
LED cannot be host controlled).
TABLE 6-48:
LED POLARITY BEHAVIOR
LED Output
Control
Register or
Touch
Polarity
Max Duty
Min Duty
Brightness
LED Appearance
0
inverted (‘0’)
not used
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
min duty cycle
on at min duty
cycle
1
inverted (‘0’)
maximum % of time
that the LED is on
(logic 0)
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
max duty cycle. Bright-
ness ramps from min
duty cycle to max duty
cycle
according to LED
behavior
0
non-inverted
(‘1’)
not used
minimum % of time
that the LED is off
(logic 1)
maximum brightness at
100 minus min duty
cycle.
on at 100 - min
duty cycle
1
non-inverted
(‘1’)
maximum % of time
that the LED is off
(logic 1)
minimum % of time
that the LED is off
(logic 1)
For Direct behavior,
maximum brightness is
100 minus max duty
cycle. When breath-
ing, max brightness is
100 minus min duty
cycle. Brightness
ramps from 100 - min
duty cycle to 100 - max
duty cycle.
according to LED
behavior
TABLE 6-49:
LINKED LED TRANSITION CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
77h
R/W
Linked LED Tran-
sition Control
--
LED6_
LTRAN
LED5_
LTRAN
LED4_
LTRAN
LED3_
LTRAN
LED2_
LTRAN
LED1_
LTRAN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com