Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 402 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 402 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 398Page - Infineon Technologies AG PEB2256HT Datasheet HTML 399Page - Infineon Technologies AG PEB2256HT Datasheet HTML 400Page - Infineon Technologies AG PEB2256HT Datasheet HTML 401Page - Infineon Technologies AG PEB2256HT Datasheet HTML 402Page - Infineon Technologies AG PEB2256HT Datasheet HTML 403Page - Infineon Technologies AG PEB2256HT Datasheet HTML 404Page - Infineon Technologies AG PEB2256HT Datasheet HTML 405Page - Infineon Technologies AG PEB2256HT Datasheet HTML 406Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
402
2002-08-27
Transmit FIFO 2 (Write)
Value after reset: 00
H
XF(15:0)
Transmit FIFO - HDLC Channel 2
The function is equivalent to XFIFO.
Transmit FIFO 3 (Write)
Value after reset: 00
H
XF(15:0)
Transmit FIFO - HDLC Channel 3
The function is equivalent to XFIFO.
Time Slot Even/Odd Select (Read/Write)
Value after reset: 00
H
HDLC protocol data can be sent in even, odd or both frames of a multiframe. Even
frames are frame number 2, 4, and so on, odd frames are frame number 1, 3, and so on.
The selection refers to receive and transmit direction as well. Each multiframe starts with
an odd frame and ends with an even frame. By default all frames are used for HDLC
reception and transmission.
Note: The different HDLC channels have to be configured to use different time slots, bit
positions or frames.
70
XFIFO2
XF7
XF0
(9C)
XFIFO2
XF15
XF8
(9D)
70
XFIFO3
XF7
XF0
(9E)
XFIFO3
XF15
XF8
(9F)
70
TSEO
EO31
EO30
EO21
EO20
EO11
EO10
(A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com