Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 404 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 404 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 400Page - Infineon Technologies AG PEB2256HT Datasheet HTML 401Page - Infineon Technologies AG PEB2256HT Datasheet HTML 402Page - Infineon Technologies AG PEB2256HT Datasheet HTML 403Page - Infineon Technologies AG PEB2256HT Datasheet HTML 404Page - Infineon Technologies AG PEB2256HT Datasheet HTML 405Page - Infineon Technologies AG PEB2256HT Datasheet HTML 406Page - Infineon Technologies AG PEB2256HT Datasheet HTML 407Page - Infineon Technologies AG PEB2256HT Datasheet HTML 408Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
404
2002-08-27
TSB1x = 1 to bit position x in selected time slot(s) is used for HDLC
channel 1 reception and transmission.
Time Slot Bit Select 2 (Read/Write)
Value after reset: FF
H
TSB2(7:0)
Time Slot Bit Selection - HDLC Channel 2
Only bits selected by this register are used for HDLC channel 2 in
selected time slots. Time slot selection is done by setting the
appropriate bits in register TSS2. Bit selection is common to receive
and transmit direction. By default all bit positions within the selected
time slot are enabled.
TSB2x=0 to bit position x in selected time slot(s) is not used for
HDLC channel 2 reception and transmission.
TSB2x=1 to bit position x in selected time slot(s) is used for HDLC
channel 2 reception and transmission.
Time Slot Bit Select 3 (Read/Write)
Value after reset: FF
H
TSB3(7:0)
Time Slot Bit Selection - HDLC Channel 3
Only bits selected by this register are used for HDLC channel 3 in
selected time slots. Time slot selection is done by setting the
appropriate bits in register TSS3. Bit selection is common to receive
and transmit direction. By default all bit positions within the selected
time slot are enabled.
TSB3x=0 to bit position x in selected time slot(s) is not used for
HDLC channel 3 reception and transmission.
TSB3x=1 to bit position x in selected time slot(s) is used for HDLC
channel 3 reception and transmission.
70
TSBS2
TSB27
TSB26
TSB25
TSB24
TSB23
TSB22
TSB21
TSB20
(A2)
70
TSBS3
TSB37
TSB36
TSB35
TSB34
TSB33
TSB32
TSB31
TSB30
A3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com