Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 407 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 407 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 403Page - Infineon Technologies AG PEB2256HT Datasheet HTML 404Page - Infineon Technologies AG PEB2256HT Datasheet HTML 405Page - Infineon Technologies AG PEB2256HT Datasheet HTML 406Page - Infineon Technologies AG PEB2256HT Datasheet HTML 407Page - Infineon Technologies AG PEB2256HT Datasheet HTML 408Page - Infineon Technologies AG PEB2256HT Datasheet HTML 409Page - Infineon Technologies AG PEB2256HT Datasheet HTML 410Page - Infineon Technologies AG PEB2256HT Datasheet HTML 411Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
407
2002-08-27
10.3
T1/J1 Status Register Addresses
Table 67
T1/J1 Status Register Address Arrangement
Address
Register
Type Comment
Page
00
RFIFO
R
Receive FIFO
409
01
RFIFO
R
Receive FIFO
409
49
RBD
R
Receive Buffer Delay
409
4A
VSTR
R
Version Status Register
410
4B
RES
R
Receive Equalizer Status
410
4C
FRS0
R
Framer Receive Status 0
411
4D
FRS1
R
Framer Receive Status 1
413
4E
FRS2
R
Framer Receive Status 2
415
50
FECL
R
Framing Error Counter Low
416
51
FECH
R
Framing Error Counter High
416
52
CVCL
R
Code Violation Counter Low
417
53
CVCH
R
Code Violation Counter High
417
54
CECL
R
CRC Error Counter Low
418
55
CECH
R
CRC Error Counter High
418
56
EBCL
R
Errored Block Counter Low
419
57
EBCH
R
Errored Block Counter High
419
58
BECL
R
Bit Error Counter Low
420
59
BECH
R
Bit Error Counter High
420
5A
COEC
R
COFA Event Counter
421
5C
RDL1
R
Receive DL-Bit Register 1
422
5D
RDL2
R
Receive DL-Bit Register 2
422
5E
RDL3
R
Receive DL-Bit Register 3
423
62
RSP1
R
Receive Signaling Pointer 1
423
63
RSP2
R
Receive Signaling Pointer 2
423
64
SIS
R
Signaling Status Register
424
65
RSIS
R
Receive Signaling Status Register
425
66
RBCL
R
Receive Byte Control Low
427
67
RBCH
R
Receive Byte Control High
427
68
ISR0
R
Interrupt Status Register 0
428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com