Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 137 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 137 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 133Page - Zilog, Inc. Z80 Datasheet HTML 134Page - Zilog, Inc. Z80 Datasheet HTML 135Page - Zilog, Inc. Z80 Datasheet HTML 136Page - Zilog, Inc. Z80 Datasheet HTML 137Page - Zilog, Inc. Z80 Datasheet HTML 138Page - Zilog, Inc. Z80 Datasheet HTML 139Page - Zilog, Inc. Z80 Datasheet HTML 140Page - Zilog, Inc. Z80 Datasheet HTML 141Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

interrupts and reinitialization of the status byte as well as many other func-
tions, including class and mode designation, port designation, address and
block-length designation.
Table 15 lists the order in which control bytes must be written for the
initialization or reinitialization because of program abort. Some of these
control bytes may not be relevant to a specific application. All commands
referred to are WR6 control bytes. Thirty-five control bytes occur when all
of the control bytes are written.
All control bytes written to the DMA disable the DMA, except the
ENABLE DMA command and possibly also the REINITIALIZE STATUS
BYTE command and the WR0 control byte (when changing transfer direc-
tions). The ENABLE DMA command must always be the last command
written after any communication between the CPU and DMA if the DMA
is to continue operating. Furthermore, communication with the DMA can
only occur when the CPU is bus master.
Table 15. Control Byte Order
Initialization/Reinitialization Sequence
Maximum Number of Z80 CPU
Bytes
DISABLE DMA Command
1
RESET Command (Multiple)
6
WR0 Control Bytes
5
WR1 Control Bytes
2
WR2 Control Bytes
2
WR3 Control Bytes
3
WR4 Control Bytes
5
WR5 Control Bytes
1
RESETPORTA TIMING Command
1
RESETPORTB TIMING Command
1
LOAD Command
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com