Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 133 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 133 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 129Page - Zilog, Inc. Z80 Datasheet HTML 130Page - Zilog, Inc. Z80 Datasheet HTML 131Page - Zilog, Inc. Z80 Datasheet HTML 132Page - Zilog, Inc. Z80 Datasheet HTML 133Page - Zilog, Inc. Z80 Datasheet HTML 134Page - Zilog, Inc. Z80 Datasheet HTML 135Page - Zilog, Inc. Z80 Datasheet HTML 136Page - Zilog, Inc. Z80 Datasheet HTML 137Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Read Status Byte
This command causes the next CPU read of the DMA to access the status
byte, which is the first read register.
Initiate Read Sequence
This command initializes access to a repeatable series of reads that follow
the sequence defined in the read mask.
These commands are described in the immediately preceding pages, and
Figure 46 illustrates the read mask. As mentioned in the description of
these commands, the reading of registers do not need to be contiguous in
time with these write commands or with other CPU read instructions
accessing registers in the same read sequence.
Two other commands are also related to the read registers:
Reinitialize Status Byte
This command reinitializes bits 4 and 5 of the status byte to 1s.
Read Mask Follows
This command allows the read mask to be programme. Figure 47 illustrates
more clearly the group of the seven read registers in relation to the write
registers. The read registers include:
Status Byte (RR0)
The status byte can be read independently from the other read registers and
two of its bits can be reinitialized to identify end-of-block and match bytes.
The bits in the status byte are defined as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com