Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 129 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 129 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 125Page - Zilog, Inc. Z80 Datasheet HTML 126Page - Zilog, Inc. Z80 Datasheet HTML 127Page - Zilog, Inc. Z80 Datasheet HTML 128Page - Zilog, Inc. Z80 Datasheet HTML 129Page - Zilog, Inc. Z80 Datasheet HTML 130Page - Zilog, Inc. Z80 Datasheet HTML 131Page - Zilog, Inc. Z80 Datasheet HTML 132Page - Zilog, Inc. Z80 Datasheet HTML 133Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

6. •
7. •
8. •
RETI instruction
Read Status Byte (BF)
This command causes the next CPU read of the DMA to access the status
byte, which is illustrated in “Read Registers” on page 114.
If other read registers are being read, the sequence of reading (as defined by
the read mask) must be completed before issuing this command.
Reinitialize Status Byte (8B)
This command reinitializes bits 4 and 5 of the status byte. After reinitial-
ization, the status byte looks like this:
The DISABLE DMA or any other command must be used before the
REINITIALIZE STATUS BYTE command after having stopped on end-of-
block or byte match. Due to a potential hardware race condition internal to
Table 14. Reinitialize Status Byte
Bit
Value
Meaning
0
I/O
DMA operation has/has not occurred
1
I/O
Ready line active/inactive
2
X
Undefined bit
3
0/1
Interrupt pending/not pending
4
1
Match not found
5
1
Not end-of-block
6
X
Undefined bit
7
X
Undefined bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com