Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 130 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 130 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 126Page - Zilog, Inc. Z80 Datasheet HTML 127Page - Zilog, Inc. Z80 Datasheet HTML 128Page - Zilog, Inc. Z80 Datasheet HTML 129Page - Zilog, Inc. Z80 Datasheet HTML 130Page - Zilog, Inc. Z80 Datasheet HTML 131Page - Zilog, Inc. Z80 Datasheet HTML 132Page - Zilog, Inc. Z80 Datasheet HTML 133Page - Zilog, Inc. Z80 Datasheet HTML 134Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

the DMA, reinitialization of the status bits may remove the condition that
stopped the DMA and the DMA might immediately request the bus again if
it is not disabled. (The REINITIALIZE STATUS BYTE command in WR6
is similar in this respect to the WR0 byte when transfer direction is being
changed: both of these control bytes must be preceded by some other
control bytes to ensure that the DMA is disabled.)
The interrupt pending status (bit 3) of the status bytes can be reinitialized by
acknowledging the interrupt, servicing it, and writing a RESET AND
DISABLE INTERRUPTS command. The DMA operation status (bit 0) can
be reinitialized with a LOAD command.
Read Mask Follows (BB)
This command points to the read mask (Figure 46). It allows the next control
byte writtentothe DMAtogoto the read mask register. The read mask is
used to set a new sequence, for reading the read registers, RR0 through RR6,
and it is normally part of the power-up initialization of the DMA.
The read registers are always read in a fixed sequence beginning with RR0
and ending with RR6. However, the registers read in this sequence can be
limited by programming the read mask. The read mask is programmed with
1s in the bit positions associated with the registers to be read. For example,
if the read mask contains 0001 1001, the following read registers are read
in the following order:
1. Status byte (RR0)
2. Port A address counter, low byte (RR3)
3. Port A address counter, high byte (RR4)
When the read mask has been programmed, it must be initialized to begin at
the lowest-order register selected. Do this with the INITIATE READ
SEQUENCE
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com