Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 138 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 138 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 134Page - Zilog, Inc. Z80 Datasheet HTML 135Page - Zilog, Inc. Z80 Datasheet HTML 136Page - Zilog, Inc. Z80 Datasheet HTML 137Page - Zilog, Inc. Z80 Datasheet HTML 138Page - Zilog, Inc. Z80 Datasheet HTML 139Page - Zilog, Inc. Z80 Datasheet HTML 140Page - Zilog, Inc. Z80 Datasheet HTML 141Page - Zilog, Inc. Z80 Datasheet HTML 142Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Port Designation
Either Port A or Port B can be selected as the source or destination, (illus-
trated in Figure 19) because both ports feature the same degree of program-
mability. When the destination port is also a fixed-address port, see the
section “Fixed-Address Destination Ports.” Port characteristics are spec-
ified in the following control byte groups:
In a transfer, if the direction of transfer (bit 2 of WR0) changes, the WR0
control byte must be preceded by a different control byte, thereby insuring
that the DMA is disabled.
REINITIALIZE STATUS BYTE
Command
1
READ MASK FOLLOWS Command
1
Read Mask Control Byte
1
INITIATE READ SEQUENCE
Command
1
FORCE READY Command
1
ENABLE INTERRUPTS Command
1
ENABLE DMA Command
1
Total
35
Port A
Port B
WR0
WR0
WR1
WR2
WR6
WR4
WR6
Table 15. Control Byte Order (Continued)
Initialization/Reinitialization Sequence
Maximum Number of Z80 CPU
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com