Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 142 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 142 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 138Page - Zilog, Inc. Z80 Datasheet HTML 139Page - Zilog, Inc. Z80 Datasheet HTML 140Page - Zilog, Inc. Z80 Datasheet HTML 141Page - Zilog, Inc. Z80 Datasheet HTML 142Page - Zilog, Inc. Z80 Datasheet HTML 143Page - Zilog, Inc. Z80 Datasheet HTML 144Page - Zilog, Inc. Z80 Datasheet HTML 145Page - Zilog, Inc. Z80 Datasheet HTML 146Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

processed until the bus is released). Second, to enable the DMA, the
ENABLE AFTER RETI
command must be used in the service routine after
an Interrupt on Ready. The typical purpose of interrupting when the Ready
line comes active is to allow the CPU time to determine where a transfer
should go, which it does in the service routine. This often occurs in systems
with dynamic memory allocation and it improves the efficiency with which
memory can be allocated. For example, the CPU might write and load new
starting addresses for a memory destination to the DMA in the service
routine. Only at the end of the service routine is the DMA enabled to
request the bus. The ENABLE AFTER RETI command, which must precede
the ENABLE DMA command, resets a latch that is set when the Interrupt on
Ready first occurred.
For non-Z80 CPU environments, the DISABLE INTERRUPTS, ENABLE
INTERRUPTS
,and RESET AND DISABLE INTERRUPTS commands are
available. They can simulate the Z80 CPU’s interrupt-acknowledge cycle
and return-from-interrupt instruction, both of which the DMA needs to
perform and return from interrupts.
Byte Matching (Searches)
In stopping, or stopping and interrupting on match (WR3, WR4), to
perform additional operations with the DMA, the following sequence of
commands are written:
1. LOAD or CONTINUE.
2. REINITIALIZE STATUS BYTE.
3. ENABLE DMA.
Another command (with the exception of ENABLE DMA) must precede the
REINITIALIZE STATUS BYTE
command. Table 11 on page 76 describes
the contents of various counters when stopping on byte match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com