Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 146 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 146 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 142Page - Zilog, Inc. Z80 Datasheet HTML 143Page - Zilog, Inc. Z80 Datasheet HTML 144Page - Zilog, Inc. Z80 Datasheet HTML 145Page - Zilog, Inc. Z80 Datasheet HTML 146Page - Zilog, Inc. Z80 Datasheet HTML 147Page - Zilog, Inc. Z80 Datasheet HTML 148Page - Zilog, Inc. Z80 Datasheet HTML 149Page - Zilog, Inc. Z80 Datasheet HTML 150Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

WR4 sets mode to
Burst and sets DMA
to expect Port B
address
11
0
0
No
Interrup
t
Control
Byte
Follows
0
No
Upper
Address
1
Port B
Lower
Address
Follows
01
C5
Port B address
(lower)
00
0
0
0
1
0
1
05
WR5 sets Ready
active High
10
0
No
Auto
Restart
0
No Wait
Status
1
RDY
Active
High
01
0
8A
WR6 loads Port B
address and resets
block counter *
11
0
0
1
1
1
1
CF
WR0 sets Port A as
source *
00
0
0
0
1
B
→A
01
05
No Address or Block
Length Bytes
Transfer No
Search
WR6 loads Port A
address
and resets block
counter
11
0
0
1
1
1
1
CF
WR6 enables DMA
to start operation.
10
0
0
0
1
1
1
87
Table 16. Sample DMA Program (Continued)
D7
D5
D4
D3
D2
D1
D0
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com