Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 145 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 145 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 141Page - Zilog, Inc. Z80 Datasheet HTML 142Page - Zilog, Inc. Z80 Datasheet HTML 143Page - Zilog, Inc. Z80 Datasheet HTML 144Page - Zilog, Inc. Z80 Datasheet HTML 145Page - Zilog, Inc. Z80 Datasheet HTML 146Page - Zilog, Inc. Z80 Datasheet HTML 147Page - Zilog, Inc. Z80 Datasheet HTML 148Page - Zilog, Inc. Z80 Datasheet HTML 149Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

completed before the next READ STATUS BYTE or INITIATE READ
SEQUENCE
command.
Table 16 illustrates a program to transfer data from memory (Port A) to a
peripheral device (Port B). In this example, the Port A memory starting
address is 1050H and the Port B peripheral fixed address is 05H.The
number of data bytes to be transferred is 1001H bytes (one more than spec-
ified by the block length). The table of DMA commands may be stored in
consecutive memory locations and transferred to the DMA with an output
instruction such as the Z80 CPU’s OTIR instruction.
Table 16. Sample DMA Program
D7
D5
D4
D3
D2
D1
D0
HEX
WR0 sets DMA to
receive block length,
Port A starting
address, and
temporarily sets Port
B as source.
01
Block
Length
Upper
Follows
1
Block
Length
Upper
Follows
1
Port A
Upper
Address
Follows
1
Port A
Upper
Address
Follows
0
B
→A
Tempor
ary for
Leading
B
Address
0
Transfer. No
Search
Port A address
(lower)
01
0
1
0
0
0
0
50
Port A address
(upper)
00
0
1
0
0
0
0
10
Block length (lower)
0
0
0
0
0
0
0
0
00
Block length (upper)
0
0
0
1
0
0
0
0
10
WR1 defines Port A
as memory with
fixed incrementing
address
00
No
Timing
Follows
0
Address
Change
s
1
Address
Change
s
0
Port is
Memor
y
10
0
14
WR4 defines Port A
as memory with
fixed incrementing
address
00
No
Timing
Follows
1
Fixed
Address
01
Port is
I/O
01
0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com