Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 170 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 170 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 166Page - Zilog, Inc. Z80 Datasheet HTML 167Page - Zilog, Inc. Z80 Datasheet HTML 168Page - Zilog, Inc. Z80 Datasheet HTML 169Page - Zilog, Inc. Z80 Datasheet HTML 170Page - Zilog, Inc. Z80 Datasheet HTML 171Page - Zilog, Inc. Z80 Datasheet HTML 172Page - Zilog, Inc. Z80 Datasheet HTML 173Page - Zilog, Inc. Z80 Datasheet HTML 174Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 59.
CPU-to-DMA Write Cycle Requirements
To write to the DMA control bites, the following conditions must be met:
• The DMA’s CE line must be Low (normally done by decoding the
lower byte of the address bus).
• The IORQ and WR lines must be Low at this time.
• The control byte must be placed on the data bus so that it is stabilized
at a rising clock edge, which occurs one clock period after the CE,
IORQ,and WR lines have stabilized.
Reading Status Bytes
Figure 60 illustrates the timing needed for the CPU to read the DMA’s read
registers, RR6 through RR0, while the CPU is bus master. To read a regis-
ter, this condition must be met: The CE,IORQ,and RD lines must be
active and stabilized over two rising edges of the clock.
Status data becomes available on the data bus at the time of the second
clock rising edge, which remains on the bus for as long as both the CE,
IORQ,and RD lines remain active.
CLK
CE
IORQ
WR
D7–D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com