Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 169 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 169 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 165Page - Zilog, Inc. Z80 Datasheet HTML 166Page - Zilog, Inc. Z80 Datasheet HTML 167Page - Zilog, Inc. Z80 Datasheet HTML 168Page - Zilog, Inc. Z80 Datasheet HTML 169Page - Zilog, Inc. Z80 Datasheet HTML 170Page - Zilog, Inc. Z80 Datasheet HTML 171Page - Zilog, Inc. Z80 Datasheet HTML 172Page - Zilog, Inc. Z80 Datasheet HTML 173Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

System throughput is decreased for applications requiring frequent DMA
reprogramming or extensive interrupt service of data-independent DMA
functions. It is more efficient to transfer large blocks of repetitive data.
TIMING
The CPU As Bus Master
When the CPU is the bus master, control bytes can program the Direct
Memory Access (DMA).
Writing Control Bytes
Table 13 illustrates the disabled, enabled/inactive, or enabled/stopped
states. The enabled/inactive and enabled/stopped states are equivalent. The
DMA is programmed by being addressed as an I/O peripheral in a CPU
output instruction. The DMA can be addressed in the full 64K I/O space. To
accomplish this, three lines must be simultaneously active-Low on the ris-
ing edge of the clock:
CE Chip Enable
IORQ Input/Output Request
WR Write
Figure 59 illustrates the timing required for this process. In a Z80 CPU
environment, this timing occurs automatically when the CPU and DMA are
on the same board and have no buffers, drivers, or other external gates in
series with the common CPU and DMA pins. This timing applies to the
sequential transfer, sequential transfer/search, and search-only classes of
operation. It may or may not apply to the simultaneous transfer or simulta-
neous transfer/search operations, depending on the speed of the external
devices used (see the Applications chapter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com