Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 165 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 165 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 161Page - Zilog, Inc. Z80 Datasheet HTML 162Page - Zilog, Inc. Z80 Datasheet HTML 163Page - Zilog, Inc. Z80 Datasheet HTML 164Page - Zilog, Inc. Z80 Datasheet HTML 165Page - Zilog, Inc. Z80 Datasheet HTML 166Page - Zilog, Inc. Z80 Datasheet HTML 167Page - Zilog, Inc. Z80 Datasheet HTML 168Page - Zilog, Inc. Z80 Datasheet HTML 169Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Non-Z80 interrupt environments do not use the IEI and IEO signals, and
often they use separate interrupt controllers to generate vectors, and handle
acknowledgement and return in different ways, or not at all.
Interrupt request is usually easy: active levels typically are low voltage, and
there may be one or more separate interrupt request pins. Timing require-
ments for interrupt requests are varied and may including pulse widths,
latching, and more, and must be carefully examined.
Priority of simultaneous or overlapping requests is handled in several ways:
some processors (for example, the 8085) have multiple interrupt-request
pins, some use daisy-chained priority schemes (as in the Z80), and several
types of interrupt control ICs are available.
Acknowledgement and identification methods vary too. Sometimes, several
fixed memory locations correspond to different interrupt pins’ service
routines. In other cases, the interrupting device identifies itself by putting a
vector or instruction on the data bus for the CPU to read. Interrupt
controllers often provide appropriate vectors to the CPU and distinguish
between and prioritize multiple requests. The DMA has the built-in capa-
bility of supplying an arbitrary vector byte when it detects a Z80 interrupt
acknowledge (IORQ and M1 both active) and its IEI input is active (no
higher-priority device is interrupting). Often, then, gating the M1,IORQ,
and IEI pins appropriately can rule out using a separate interrupt controller.
IORQ serves another function, too, therefore it must appear during CPU-
DMA transfers and be available to signal I/O reads or writes in the active
state.
At the end of its service routine, the DMA anticipates the CPU fetching the
RETI instruction (ED, 4D present on the data bus accompanied by M1).
The DMA command RESET AND DISABLE INTERRUPTS is designed
for this purpose in non-Z80 CPU environments. Alternatively, the RETI
instructionmight be simulatedbyre-gatingM1 and programming the CPU
to write to a phantom peripheral the bytes ED, 4D. The chip select for this
nonexistent peripheral is used to simulate M1. SeeFigure57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com