Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 163 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 163 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 159Page - Zilog, Inc. Z80 Datasheet HTML 160Page - Zilog, Inc. Z80 Datasheet HTML 161Page - Zilog, Inc. Z80 Datasheet HTML 162Page - Zilog, Inc. Z80 Datasheet HTML 163Page - Zilog, Inc. Z80 Datasheet HTML 164Page - Zilog, Inc. Z80 Datasheet HTML 165Page - Zilog, Inc. Z80 Datasheet HTML 166Page - Zilog, Inc. Z80 Datasheet HTML 167Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Bus Characteristics
Similar to the Z80, the 8080 and 8085 have 8-bit data paths and 16-bit
addresses. The DMA is matched well to these numbers; it can search whole
data words and directly address any byte in the memory.
The 8086 and the Z8000 CPUs have 16-bit data paths and larger address
spaces, thus making it somewhat harder to use the Z80 DMA. Searching
can be done for match bytes in either half of the data word, but not for a
whole unique word. Often this is not a problem because byte matches
suffice, for example, in detecting special ASCII characters in a data block.
The problem of larger address spaces can be resolved by using an external
segment or page register, latched to the appropriate high-order addresses
before the DMA becomes bus master, or by other schemes such as
indexing. This requires some external hardware.
To conserve pins, the 8085, 8086, Z8001, and Z8002 multiplex addresses
and data. Strobes allowing demultiplexing then become part of the bus
structure and must be accounted for in DMA interface. In such cases, the
DMA should be connected to the demultiplexed address and data lines
rather than closer to the processor. Figure 56 is a simplified diagram of
this concept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com