Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 160 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 160 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 156Page - Zilog, Inc. Z80 Datasheet HTML 157Page - Zilog, Inc. Z80 Datasheet HTML 158Page - Zilog, Inc. Z80 Datasheet HTML 159Page - Zilog, Inc. Z80 Datasheet HTML 160Page - Zilog, Inc. Z80 Datasheet HTML 161Page - Zilog, Inc. Z80 Datasheet HTML 162Page - Zilog, Inc. Z80 Datasheet HTML 163Page - Zilog, Inc. Z80 Datasheet HTML 164Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

represent the fractional reductions in CPU throughput per Kbaud trans-
ferred.
The DMA has a shorter and more predictable latency period and decreases
system overhead by at least a factor of five in this conservative example.
A diagram of a typical Z80 system using a Z80 CPU, a Z80 CTC for asyn-
chronous baud rate generation, both channels of a Z80 SIO, and two Z80
DMAs (one for each serial channel) appears in Figure 55. The diagram
omits the system memory (ROM and RAM), bus buffers (as required), and
chip enable decoders, which are described above.
Z80
(2.5 MHz)
Z80A
(4 MHz)
DMA sequential transfer
0.065%
0.041%
DMA sequential transfer/search
Interrupt-driven transfer
0.340%
0.213%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com