Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 157 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 157 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 153Page - Zilog, Inc. Z80 Datasheet HTML 154Page - Zilog, Inc. Z80 Datasheet HTML 155Page - Zilog, Inc. Z80 Datasheet HTML 156Page - Zilog, Inc. Z80 Datasheet HTML 157Page - Zilog, Inc. Z80 Datasheet HTML 158Page - Zilog, Inc. Z80 Datasheet HTML 159Page - Zilog, Inc. Z80 Datasheet HTML 160Page - Zilog, Inc. Z80 Datasheet HTML 161Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 54.
Data Bus Buffer Control Example
Z80 DMA and Z80 SIO Example
A common DMA application is performing data transfers over a serial data
link. The Z80 SIO peripheral is used to interface to the link, providing
conversion between serial and parallel data formats, synchronization, and
other functions.
Comparing the efficiency of interrupt driven and DMA data transfers
requires examination of the event sequences during the brief time intervals
in which the SIO needs a character (byte) transfer. Most of the time the SIO
is busy transmitting or receiving message bits and requires no service.
The SIO must be programmed to drive its WAIT/RDY line as a RDY signal
to the DMA, which is programmed for active-Low RDY in Byte mode.
ON.CARD.INT ACK
RD
DMA.WRITE
ON.CARD.READ
ON.CARD.ENABLE
DIR
EN
DRIVE.DATA.OUT
On-Card Data Bus
System Data Bus
47LS
245
RD
CARD.IEO
CARD.IEI
M1
IORQ
DMA.CE
SIO.CE
PIO.CE
CTC.CE
DMA.HAS.BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com