Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 155 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 155 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 151Page - Zilog, Inc. Z80 Datasheet HTML 152Page - Zilog, Inc. Z80 Datasheet HTML 153Page - Zilog, Inc. Z80 Datasheet HTML 154Page - Zilog, Inc. Z80 Datasheet HTML 155Page - Zilog, Inc. Z80 Datasheet HTML 156Page - Zilog, Inc. Z80 Datasheet HTML 157Page - Zilog, Inc. Z80 Datasheet HTML 158Page - Zilog, Inc. Z80 Datasheet HTML 159Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

(floated) in a manner similar to the CPU and DMA address pins. For
example, in a system with one CPU and one DMA, the BUSACK signal
can disable CPU buffers and enable DMA buffers when it is active. Where
there are three or more potential bus masters, only those buffers associated
with the actual bus master must be active at any time. Therefore, each
DMA, if its BAI signal is active (Low) and its BAO signal is inactive
(High), has control of the bus and can enable its drivers.
Data bus lines are bidirectional, making their buffer control more compli-
cated. Any device from which the CPU can read drives the data bus when it
is selected and the RD control signal is active. In this sense, the RD signal
is the principal directional control. Non-CPU devices also drive the data
bus during interrupt-acknowledge cycles in which the device puts its
vector on the bus and during DMA write cycles. Figure 54 illustrates a
bidirectional data bus buffer and its control. Here, Z80 SIC, PIO, CTC,
and DMA peripherals share a circuit card. Their common on-card data
bus is buffered to and from the system (motherboard or backplane) bus.
Each of the three conditions mentioned causes the buffers to drive data out
onto the system bus; otherwise, data is buffered into the card. Suitable
devices for bidirectional buffering include the 74LS241 (tristate bus
drivers) and 74LS245 (transceivers).
The control signals MREQ,IORQ,RD,and WR should be unidirectionally
buffered in large- or multi-card systems. These signal buffers are, again,
enabled when their associated device or card has bus control and are forced
into high-impedance states when another master takes control of these bus
lines. Because there are short intervals during transfer of the bus (when the
bus is not driven by any master), MREQ,IORQ,RD,and WR should be
pulled up to + 5V with 2.7 Kohms to 4.7 Kohms resistors so that they
remain inactive. Other control signals on CPU and DMA may be perma-
nently driven. This usually includes M1, RFSH,and HALT from the CPU,
and BAO from a DMA.
The BUSREQ line is bidirectional and cannot easily be externally buffered.
However, the DMA can sink 3.2 mA on BUSREQ, more thanonother



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com