Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 158 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 158 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 154Page - Zilog, Inc. Z80 Datasheet HTML 155Page - Zilog, Inc. Z80 Datasheet HTML 156Page - Zilog, Inc. Z80 Datasheet HTML 157Page - Zilog, Inc. Z80 Datasheet HTML 158Page - Zilog, Inc. Z80 Datasheet HTML 159Page - Zilog, Inc. Z80 Datasheet HTML 160Page - Zilog, Inc. Z80 Datasheet HTML 161Page - Zilog, Inc. Z80 Datasheet HTML 162Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

The event sequences for SIO-DMA transfers are described in Table 17 and
Table 18.
Table 17. Receive Event Sequence
Event
Inter-event delay
(clock periods)
SIO receives last bit of character
10-13
latency
SIO RDY becomes active
2
latency
DMA asserts BUSREQ
1-5
latency
Current CPU machine cycle ends 1
latency, bus occupancy
CPU asserts BUSACK
4
latency, bus occupancy
DMA I/O read cycle begins
4
latency, bus occupancy
DMA memory write cycle begins 2
bus occupancy
DMA terminates BUSREQ
1
bus occupancy
DMA memory write cycle ends
1
bus occupancy
CPU terminates BUSACK and
regains control of bus
1
bus occupancy
Note: Latency (delay from reception of final data bit to reading of received data) is 22 to
29 clock periods. The system bus is occupied by the DMA for 13 clock periods per byte
transferred.
Table 18. Transmit Event Sequence
Event
Inter-event delay
(clock periods)
SIO transmits last bit of character 5-6
latency
SIO RDY becomes true
2
latency
DMA asserts BUSREQ
1-5
latency
Current CPU machine cycle ends 1
latency, bus occupancy
CPU asserts BUSACK
4
latency, bus occupancy
DMA memory read cycle begins
3
latency, bus occupancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com