Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 326 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 326 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Z80 Datasheet HTML 324Page - Zilog, Inc. Z80 Datasheet HTML 325Page - Zilog, Inc. Z80 Datasheet HTML 326Page - Zilog, Inc. Z80 Datasheet HTML 327Page - Zilog, Inc. Z80 Datasheet HTML 328Page - Zilog, Inc. Z80 Datasheet HTML 329Page - Zilog, Inc. Z80 Datasheet HTML 330Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 326 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
306
Figure 129. Write Cycle Timing
Interrupt Acknowledge Cycle
After receiving an Interrupt Request signal, INT pulled Low, the Z80 CPU
sends an Interrupt Acknowledge signal, M1 and IORQ, both Low. The
daisy-chained interrupt circuits determine the highest priority interrupt
requestor. The IEI of the highest priority peripheral is terminated High.
Peripherals that have no interrupt pending or under service are terminated
IEO = IEI. Any peripheral that does have an interrupt pending or under
service, forces its IEO Low.
To insure stable conditions in the daisy-chain, all interrupt status signals are
prevented from changing while MI is Low. When IORQ is Low, the highest
priority interrupt requestor, which is the one with IEI High, places its
interrupt vector on the data bus and sets its internal interrupt-underservice
latch. See Figure 130.
Channel Address
T1
Φ
CE
IORQ
RD
M1
Data
T2
TW
T3
T1
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com