Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 323 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 323 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 319Page - Zilog, Inc. Z80 Datasheet HTML 320Page - Zilog, Inc. Z80 Datasheet HTML 321Page - Zilog, Inc. Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Z80 Datasheet HTML 324Page - Zilog, Inc. Z80 Datasheet HTML 325Page - Zilog, Inc. Z80 Datasheet HTML 326Page - Zilog, Inc. Z80 Datasheet HTML 327Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
303
The Z80 DMA controller circuit is used with Z80 SIO/2 to transmit the
reformatted data at high speed with the required protocol. The high-speed
modem provides the transmit clock for this channel. The Z80 CTC counter-
timer circuit supplies the transmit and receive clocks for the low-speed
lines and is also used as a time-out counter for various functions.
Z80 SIO/1 controls local or remote terminals. A single intelligent terminal
is placed within the dashed lines. The terminal employs a Z80 SIO to
communicate to the data concentrator on one channel while providing the
interface to a line printer over its second channel. The intelligent terminal
could be designed to operate interactively with the operator.
Depending on the software and hardware capabilities built into this system,
the data concentrator can employ store-and-forward or hold-and-forward
methods for regulating information traffic between slow terminals and the
high-speed remote processor. If the high-speed channel is provided with a
dial-out option, the channel can be connected to a number of remote
processors over a switched line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com