Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 320 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 320 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Z80 Datasheet HTML 318Page - Zilog, Inc. Z80 Datasheet HTML 319Page - Zilog, Inc. Z80 Datasheet HTML 320Page - Zilog, Inc. Z80 Datasheet HTML 321Page - Zilog, Inc. Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Z80 Datasheet HTML 324Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
300
CRC/Framing Error (D6)
If a Framing Error occurs (asynchronous modes), this bit is set (and not
latched) for the receive character in which the Framing Error occurred.
Detection of a Framing Error adds an additional one-half bit time to the
character time, so the Framing Error is not interpreted as a new start bit. In
synchronous and SDLC modes, this bit indicates the result of comparing
the CRC checker to the appropriate check value. This bit is reset by issuing
an Error Reset command. The bit is not latched, so it is always updated
when the next character is received. When used for CRC error and status in
synchronous modes, it is usually set because most bit combinations result
in a non-zero CRC except for a correctly completed message.
End-of-Frame (D7)
This bit is used only with the SDLC mode and indicates that a valid ending
flag has been received and that the CRC Error and Residue codes are also
valid. This bit can be reset by issuing the Error Reset command. It is also
updated by the first character of the following frame.
Read Register (Channel B Only)
This register contains the interrupt vector written into WR2 if the Status
Affects Vector control bit is not set. If the control bit is set, it contains the
modified vector listed in the Status Affects Vector paragraph of the Write
Register 1 section. When this register is read, the vector returned is modi-
fied by the highest priority interrupting condition at the time of the read. If
no interrupts are pending, the vector is modified with V3 = 0, V2 = 1, and
V1 = 1. This register is read only through Channel B.
Table 35. Interrupt Vector
D7
D6
D5
D4
D3
D2
D1
D0
V7
V6
V5
V4
V3*
V2*
V1*
V0
*Variable if ‘Status Affects Vector’ is programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com