Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 316 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 316 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Z80 Datasheet HTML 318Page - Zilog, Inc. Z80 Datasheet HTML 319Page - Zilog, Inc. Z80 Datasheet HTML 320Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
296
Clear To Send, (D5). This bit is similar to the DCD bit, except that it shows
the inverted state of the CTS pin.
Transmit Underrun/End of Message (D6)
This bit is in a set condition following a reset, either internal or external.
The only the Reset Transmit Underrun/EOM Latch command (WR0, D6
and D7) can reset this bit. When the Transmit Underrun condition occurs,
this bit is set; causing the External/Status interrupt, which is reset by issuing
the Reset External/Status Interrupt command bits (WR0). This status bit,
along with other control bits, has an important function in controlling a
transmit operation. For more information, see “Bisync Transmit Underrun”
and “SDLC Transmit Underrun”.
Break/Abort (D7)
In the Asynchronous Receive mode, this bit is set when a Break sequence
(null character plus framing error) is detected in the data stream. The
External/Status interrupt, if enabled, is set when Break is detected. The
interrupt service routine must issue the Reset External/Status Interrupt
command (WR0, CMD2) to the break detection logic, enabling the Break
sequence termination to be recognized.
The Break/Abort bit is reset when the termination of the Break sequence is
detected in the incoming data stream. The termination of the Break
sequence also causes the External/Status interrupt to set. The Reset
External/Status Interrupt command must be issued to enable the break
detection logic to look for the next Break sequence. When a single extra-
neous null character is present in the receiver after the termination of a
break; it should be read and discarded.
In the SDLC Receive mode, this status bit is set by the detection of an
Abort sequence (seven or more 1s). The External/Status interrupt is handled
the same way as a Break. The Break/Abort bit is not used in the Synchro-
nous Receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com