Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 313 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 313 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 309Page - Zilog, Inc. Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
293
Interrupt Pending (D1)
Anyinterruptingconditioninthe Z80SIO causes this bittoset; however, it
is readable only in Channel A. This bit is primarily used in applications not
having vectored interrupts available. During the interrupt service routine in
these applications, this bit indicates if any interrupt conditions are present
in the Z80 SIO. This eliminates the need for analyzing all the bits of RR0 in
both Channels A and B. Bit D1 is reset when all the interrupting conditions
are satisfied. This bit is always 0 in Channel B.
Transmit Buffer Empty (D2)
This bit is set whenever the transmit buffer becomes empty, except when a
CRC character is being sent in a synchronous or SDLC mode. The bit is
reset when a character is loaded into the transmit buffer. This bit is in the set
condition after a reset.
Data Carrier Detect (D3)
The DCD bit indicates the state of the DCD input at the time of the last
change of any of the five External/Status bits (DCD,CTS,Sync/Hunt,
Break/ Abort, or Transmit Underrun/EOM). Any transition of the DCD
input causes the DCD bit to latch and causes an External/Status interrupt.
To read the current state of the DCD bit, this bit must be read immediately
following a Reset External/Status Interrupt command.
Sync/Hunt (D4)
Because this bit is controlled differently in the Asynchronous,
Synchronous, and SDLC modes, its operation is somewhat more complex
than that of the other bits and therefore requires more explanation.
In asynchronous modes, the operation of this bit is similar to the DCD
status bit, except that Sync/Hunt shows the state of the SYNC input. Any
High-to-Low transition on the SYNC pin sets this bit and causes an
External/Status interrupt (if enabled). The Reset External/Status Interrupt
command is issued to clear the interrupt. A Low-to-High transition clears



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com