Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 314 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 314 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Z80 Datasheet HTML 318Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
294
this bit and sets the External/Status interrupt. When the External/Status
interrupt is set by the change in state of any other input or condition, this bit
shows the inverted state of the SYNC pin at the time of the change. This bit
must be read immediately following a Reset External/Status Interrupt
command to read the current state of tile SYNC input.
Figure 122. Read Register 0
In the External Sync mode, the Sync/Hunt bit operates similar to the Asyn-
chronous mode, except the Enter Hunt Mode control bit enables the
external sync detection logic. When the External Sync Mode and Enter
Hunt Mode bits are set for example, when the receiver is enabled following
a reset, the SYNC input must be held High by the external logic until
external character synchronization is achieved. A High at the SYNC input
holds the Sync/Hunt status bit in the reset condition.
When external synchronization is achieved, SYNC must be driven Low on
the second rising edge of RxC after that rising edge of RxC on which the
last bit of the sync character was received. In other words, after the sync
pattern is detected, the external logic must wait for two full Receive Clock
cycles to activate the SYNC input. When SYNC is forced Low, keep it Low
until the CPU informs the external sync logic that synchronization is lost or
that a new message is about to start. Refer to Figure 122 for timing details.
The High-to-Low transition of the SYNC input sets the Sync/Hunt bit,
which, in turn, sets the External/Status interrupt. The CPU must clear the
interrupt by issuing the Reset External/Status Interrupt command.
Rx Character Available
INT Pending (CH.A Only
Tx Buffer Empty
DCD
D7
D6
D5
D4
D3
D2
D1
D0
*
SYNC/Hunt
Tx Underrun/EOM
Break/Abort
*Used with ‘External/Status Interrupt Mode
CTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com