Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 312 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 312 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 308Page - Zilog, Inc. Z80 Datasheet HTML 309Page - Zilog, Inc. Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
292
Read Registers
The Z80 SIO contains three registers, RR2-RR0 (Figure 122 through
Figure 124), that are read to obtain the status information for each channel,
with the exception of RR2-Channel B. The status information includes error
conditions, interrupt vector, and standard communications-interface signals.
To read the contents of a selected read register other than RRD, the system
program must first write the pointer byte to WR0, in exactly the same way
as a write register operation. Then, by executing an input instruction, the
contents of the addressed read register can be read by the CPU.
The status bits of RR0 and RR1 are carefully grouped to simplify status
monitoring. For example, when the interrupt vector indicates that a Special
Receive Condition interrupt occurred, all the appropriate error bits can be
read from a single register (RR1).
Read Register 0
This register contains the status of the receive and transmit buffers; the
DCD,CTS, and SYNC inputs; the Transmit Underrun/EOM latch; and the
Break/Abort latch.
Receive Character Available (DO)
This bit is set when at least one character is available in the receive buffer;
it is reset when the receive FIFO is empty.
Table 31. Read Register 0 Rx and Tx Buffers
D7
D6
IDS
D4D3
D2D1D0
Break/
Abort
Transmit
Underrun
EOM
CTS
Sync/
Hunt
Buffer
Empty
DCD
Transmit
Pending
Interrupt
Pending
(Ch.A
only)
Receive
Character
available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com