Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 308 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 308 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 304Page - Zilog, Inc. Z80 Datasheet HTML 305Page - Zilog, Inc. Z80 Datasheet HTML 306Page - Zilog, Inc. Z80 Datasheet HTML 307Page - Zilog, Inc. Z80 Datasheet HTML 308Page - Zilog, Inc. Z80 Datasheet HTML 309Page - Zilog, Inc. Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
288
Request To Send (D1)
This is the control bit for The RTS pin. When the RTS bit is set, the RTS
pin goes Low; when reset, RTS goes High. In the Asynchronous mode,
RTS goes High only after all the bits of the character are transmitted and
the transmitter buffer is empty. In Synchronous modes, the pin directly
follows the state of the bit.
CRC-16/SDLC (D2)
This bit selects the CRC polynomial used by both the transmitter and
receiver. When set, the CRC-16 polynomial (X16 +X15 +X2 +1) isused;
when reset, the SDLC polynomial (X
16 +X12 +X5 +1) is used. If the SDLC
mode is selected, the CRC generator and checker are preset to 1s and a
special check sequence is used. The SDLC CRC polynomial must be
selected when the SDLC mode is selected. If the SDLC mode is not selected,
the CRC generator and checker are preset to 0s for both polynomials.
Transmit Enable (D3)
Data is not transmitted until this bit is set, and the Transmit Data output is
held marking. Data or sync characters in the process of being transmitted
are completely sent if this bit is reset after transmission is started. If the
transmitter is disabled during the transmission of a CRC character, sync, or
flag characters are sent instead of CRC.
Send Break (D4)
When set, this bit immediately forces the Transmit Data output to the
spacing condition, regardless of any data being transmitted. When reset,
TxD returns to marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com