Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 304 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 304 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Z80 Datasheet HTML 304Page - Zilog, Inc. Z80 Datasheet HTML 305Page - Zilog, Inc. Z80 Datasheet HTML 306Page - Zilog, Inc. Z80 Datasheet HTML 307Page - Zilog, Inc. Z80 Datasheet HTML 308Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
284
Figure 117. Write Register 3
Receiver Bits/Characters 1 and 0 (D7 and D6)
Used together, these bits determine the number of serial receive bits
assembled to form a character. Both bits may be changed during the time
that a character is being assembled, but they must be changed before the
currently programmed number of bits is reached.
Write Register 4
WR4 contains the control bits that affect both the receiver and transmitter.
In the transmit and receive initialization routine, these bits should be set
before issuing WR1,WR3,WR5,WR6, and WR7.
Table 21. Serial Bits/Character
D7
D6
Bits/Character
00
5
01
7
10
6
11
8
Rx Enable
SYNC Character Load Inhibit
Address Search Mode (SDLC)
Rx CRC Enable
D7
D6
D5
D4
D3
D2
D1
D0
Enter Hunt Phase
Auto Enables
00
01
10
11
Rx 5 Bits/Character
Rx 7 Bits/Character
Rx 6 Bits/Character
Rx 8 Bits/Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com