Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 303 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 303 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 299Page - Zilog, Inc. Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Z80 Datasheet HTML 304Page - Zilog, Inc. Z80 Datasheet HTML 305Page - Zilog, Inc. Z80 Datasheet HTML 306Page - Zilog, Inc. Z80 Datasheet HTML 307Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
283
Sync Character Load Inhibit (D1)
Sync characters preceding the message (leading sync characters) are not
loaded into the receive buffers if this option is selected. Because CRC
calculations are not stopped by sync character stripping, this feature should
be enabled only at the beginning of the message.
Address Search Mode (D2)
If SDLC is selected, no receive interrupts can occur in the Address Search
mode without an address match. Therefore, messages containing addresses
that do not match the programmed address in WR6 or the global (1111
1111
) are rejected.
Receiver CRC Enable (D3)
If this bit is set, CRC calculation starts or restarts at the beginning of the last
character transferred from the receive shift register to the buffer stack. This
start or restart occurs regardless of the number of characters in the stack.
For more information about setting this bit, see “SDLC Receive CRC
Checking” (SDLC Receive section) and “CRC Error Checking”
(Synchronous Receive section).
Enter Hunt Phase (D4)
The Z80 SIO automatically enters the Hunt phase after a reset. However, it
can be re-entered if character synchronization is lost (Synchronous mode)
or if the contents of an incoming message are not needed (SDLC mode).
The Hunt phase is reentered by writing a 1 to bit D4. This sets the Sync/
Hunt bit (D4) in RR0.
Auto Enables(D5)
If this mode is selected, DCD and CTS become the receiver and transmitter
enables, respectively. If this bit is not set, DCD and CTS are simply inputs
to their corresponding status bits in RR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com