Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 302 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 302 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 298Page - Zilog, Inc. Z80 Datasheet HTML 299Page - Zilog, Inc. Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Z80 Datasheet HTML 304Page - Zilog, Inc. Z80 Datasheet HTML 305Page - Zilog, Inc. Z80 Datasheet HTML 306Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
282
Figure 116. Write Register 2
Write Register 3
WR3 (Figure 117) contains receiver logic control bits and parameters.
(Table 20)
Receiver Enable (D0)
A 1 programmed into this bit allows receive operations to begin. Set this bit
only after all other receive parameters are set and the receiver is completely
initialized.
Table 20. Write Register 3 Logic Control
D7
D6
D5
D4
Receiver Bits/
Chars
Receiver Bits/Char
0
Auto Enables
Enter Hunt Phase
D3
D2
D1
D0
Receiver CRC
Enable
Address Search
Mode
Sync Char Load
Inhibit
Receiver Enable
V0
V1
V2
V3
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt
V4
V5
V6
V7
Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com