Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 305 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 305 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Z80 Datasheet HTML 304Page - Zilog, Inc. Z80 Datasheet HTML 305Page - Zilog, Inc. Z80 Datasheet HTML 306Page - Zilog, Inc. Z80 Datasheet HTML 307Page - Zilog, Inc. Z80 Datasheet HTML 308Page - Zilog, Inc. Z80 Datasheet HTML 309Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
285
Parity (D0)
If this bit is set, an additional bit position is added to transmitted data and is
expected in receive data. This added bit position is in addition to those bits
specified in the bits/character control. In the Receive mode, the parity bit
received is transferred to the CPU as part of the character, unless eight bits/
character is selected.
Parity Even/Odd (D1)
If parity is specified, this bit determines whether the bit is sent and checked
as even or odd (1 = even).
Stop Bits0and 1(D2 and D3)
These bits determine the number of stop bits added to each asynchronous
character sent. The receiver always checks for one stop bit. A special mode
(00) designates that a synchronous mode is to be selected.
Table 22. Write Register 4 Rx and Tx Control
D7
D6
D5
D4
D3
D2
D1
D0
Clock
Rate 1
Clock
Rate 0
Sync
Modes 1
Sync
Modes 0
Stop
Bits 1
Stop
Bits 0
Parity
Even/
Odd
Parity
Table 23. Stop Bits
D3
Stop Bits 1
D2
Stop Bits 0
Result
0
0
Sync modes
0
1
1 stop bit per character
1
0
1-1/2 stop bits per character
1
1
2 stop bits per character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com