Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 300 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 300 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 296Page - Zilog, Inc. Z80 Datasheet HTML 297Page - Zilog, Inc. Z80 Datasheet HTML 298Page - Zilog, Inc. Z80 Datasheet HTML 299Page - Zilog, Inc. Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Z80 Datasheet HTML 304Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
280
data. The Wait function is selected by setting D6 to 0. If this bit is 0, the
WAIT/READY output is in the open-drain state and goes Low when active.
Both the Wait and Ready functions can be used in either the Transmit or
Receive modes, but not both simultaneously. If D5 (Wait/Ready on Receive/
Transmit) is set to 1, the Wait/Ready function responds to the condition of
the receive buffer (empty or full). If D5 is set to 0, the Wait/Ready function
responds to the condition of the transmit buffer (empty or full).
The logic states of the WAIT/READY output, which are either active or
inactive, depend on the combination of modes selected. Table 18 summa-
rizes these combinations.
The WAIT output High-to-Low transition occurs at the delay time
tDIC(WR) after the I/O request. The Low-to-High transition occurs at the
delay tDH
Φ(WR) at the falling edge of Φ. The READY output High-to-
Low transition occurs at the delay tDL
Φ(WR) at the rising edge of Φ.The
READY output Low-to-High transition occurs at the delay tDIC(WR)
after IORQ falls.
The Ready function can occur when the Z80 SIO is not selected. When
the READY output becomes active Low, the DMA controller issues
Table 18. Wait/Ready Functions
If D7 = 0
and D6 = 1
and D6 = 0
READY is High
WAIT
is floating
If D7 = 0
and D5 = 0
and D5 = 1
READY is High when transmit buffer is full
READY is High when receive buffer is empty
WAIT
is low when transmit buffer is full and
S10data portis anselected
WAIT
is Low when receive buffer is empty
and SID data port is selected
READY is Low when transmit buffer is empty
READY is Low when receive buffer is full
WAIT
is floating when transmit buffer is empty WAIT
is floating when receive buffer is full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com