Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 297 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 297 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 293Page - Zilog, Inc. Z80 Datasheet HTML 294Page - Zilog, Inc. Z80 Datasheet HTML 295Page - Zilog, Inc. Z80 Datasheet HTML 296Page - Zilog, Inc. Z80 Datasheet HTML 297Page - Zilog, Inc. Z80 Datasheet HTML 298Page - Zilog, Inc. Z80 Datasheet HTML 299Page - Zilog, Inc. Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
277
The Reset Transmit CRC Generator command normally initializes the CRC
generator to 0s. If the SDLC mode is selected, this command initializes the
CRC generator to 1s. The Receive CRC checker is also initialized to 1s for
the SDLC mode.
Write Register 1
WR1 (Figure 115) contains the control bits for the various interrupt and
Wait/Ready modes.
External/Status Interrupt Enable (D0)
The External/Status Interrupt Enable allows interrupts to occur as a result of
transitions on the DCD,CTS,or SYNC inputs, as a result of a Break/Abort
Table 14. Reset Commands
CRC Reset
Code 1
CRC Reset
Code 0
Result
0
0
Null Code (no affect)
0
1
Reset Receive CRC Checker
1
0
Reset Transmit CRC Generator
1
1
Reset Tx Underrun/End of Message latch
Table15. WriteRegister1
D7
D6
D5
D4
Wait/Ready
Enable
Wait or Ready
Function
Wait/Ready on
Receive Transmit
Receive Interrupt
Mode 1
D3
D2
D1
D0
Receive Interrupt
Mode 0
Status Affects
Vector
Transmit Interrupt
Enable
External Interrupts
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com