Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 295 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 295 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 291Page - Zilog, Inc. Z80 Datasheet HTML 292Page - Zilog, Inc. Z80 Datasheet HTML 293Page - Zilog, Inc. Z80 Datasheet HTML 294Page - Zilog, Inc. Z80 Datasheet HTML 295Page - Zilog, Inc. Z80 Datasheet HTML 296Page - Zilog, Inc. Z80 Datasheet HTML 297Page - Zilog, Inc. Z80 Datasheet HTML 298Page - Zilog, Inc. Z80 Datasheet HTML 299Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
275
Command 0 (Null). The Null command has no effect. Normally the null
command instructs the Z80 SIO to wait while the pointers are set for the
following byte.
Command 1 (Send Abort). This command is used only in SDLC mode to
generate a sequence of eight to thirteen 1s.
Command 2 (Reset External/Status Interrupts). After an External/Status
interrupt, such as a change on a modem line or a break condition, the status
bits of RR0 are latched. This command re-enables them, again allowing
Interrupts to occur. Latching the status bits captures short pulses until the
CPU has time to read the change.
Command 3 (Channel Reset). This command performs the same function
as an External Reset, but on a single channel. Channel A Reset also resets
the interrupt prioritization logic. All control registers for the channel must
be rewritten after a Channel Reset command.
After a Z80 SIO Channel Reset, add four system clock cycles before addi-
tional commands or controls write to that channel. This is normally the
same amount of time that is used by the CPU to fetch the next Op Code.
Table 13. Z80 SIO Commands
Command CMD2 CMD1 CMD0 Result
0
0
0
0
Null Command (no effect)
1
0
0
1
Send Abort (SDLC Mode)
2
0
1
0
Reset External/Status Interrupts
3
011
Channel Reset
4
1
0
0
Enable Interrupt on next Rx Character
5
1
0
1
Reset Transmitter Interrupt Pending
6
1
1
0
Error Reset (latches
7
1
1
1
Return from Interrupt (Channel A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com