Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 291 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 291 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 287Page - Zilog, Inc. Z80 Datasheet HTML 288Page - Zilog, Inc. Z80 Datasheet HTML 289Page - Zilog, Inc. Z80 Datasheet HTML 290Page - Zilog, Inc. Z80 Datasheet HTML 291Page - Zilog, Inc. Z80 Datasheet HTML 292Page - Zilog, Inc. Z80 Datasheet HTML 293Page - Zilog, Inc. Z80 Datasheet HTML 294Page - Zilog, Inc. Z80 Datasheet HTML 295Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
271
When End Of Frame Interrupt occurs, the
CPU performs
the following:
Detection of End-of-frame (flag)
causes Interrupt and deactivates the
Wait/Ready function. Residue codes
indicate the bit structure of the last
two bytes of the message that were
transferred to memory under DMA.
'error Reset' is issued to clear the
special condition. Abort Sequence is
detected when seven or more 1s occur
in the data stream.
• Exits DMA Mode (disables Wait/
Ready)
• Transfers RR1 to the CPU
• Checks the CRC error bit status and
residue codes
• Updates NR count
• Issues Error Reset Command to SIO
When Abort Sequence Detected Interrupt
occurs, the CPU performs the following:
• Transfers RR0 to the CPU
• Exits DMA Mode
• Issues the Reset External Status
Interrupt Command to the SIO
• Enters the Idle Mode
CPU is waiting for Abort Sequence to
terminate. Termination clears the
Break/Abort status bit and causes
interrupt. at this point, the program
proceeds to terminate this message.
When the second Abort Sequence
Interrupt occurs, the CPU performs the
following:
• Issues the Reset External Status
Interrupt Command to the SIO
Termination
Redefine Interrupt Modes, Sync Mode
and SDLC Modes, Disable Receive
Mode
Table 10. SDLC Receive Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com