Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 288 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 288 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 284Page - Zilog, Inc. Z80 Datasheet HTML 285Page - Zilog, Inc. Z80 Datasheet HTML 286Page - Zilog, Inc. Z80 Datasheet HTML 287Page - Zilog, Inc. Z80 Datasheet HTML 288Page - Zilog, Inc. Z80 Datasheet HTML 289Page - Zilog, Inc. Z80 Datasheet HTML 290Page - Zilog, Inc. Z80 Datasheet HTML 291Page - Zilog, Inc. Z80 Datasheet HTML 292Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
268
SDLC Receive Termination
If enabled, a special vector is generated when the closing flag is received.
This signals that the byte with the End-of-Frame bit set has been received.
In addition to the results of the CRC check, RR1 has three bits of Residue
code valid at this time. When the number of bits in the I-Field is not an inte-
gral multiple of the character length used, these bits indicate the boundary
between the CRC check bits and the I-Field bits. For a detailed description
of the meaning of these bits, see the description of the residue codes in RR1
in “Z80 SIO Programming.”
Any frame can be prematurely aborted by an Abort sequence. Aborts are
detected if seven or more 1s occur, causing an External/Status interrupt (if
enabled) with the Break/Abort bit in RR0 set. After the Reset External/
Status interrupts command has been issued, a second interrupt occurs when
the continuous 1s condition has been cleared. This can be used to distin-
guish between the Abort and Idle line conditions.
Unlike the synchronous mode, CRC calculation in SDLC does not have an
8-bit delay because all the characters are included in CRC calculation.
When the second CRC character is loaded to the receive buffer, CRC calcu-
lation is complete.
Table 10 lists steps employed to implement a half-duplex SDLC receive
mode. The complete set of command and status bit definitions is provided
in the next section.
Table 10. SDLC Receive Mode
Function
Typical Program Steps
Comments
Register Information loaded:
Initialize WR0
Channel 2
Reset SIO
WR0
Pointer 2
WR2
Interrupt Vector
Channel B only
WR0
Pointer 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com