Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 289 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 289 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 285Page - Zilog, Inc. Z80 Datasheet HTML 286Page - Zilog, Inc. Z80 Datasheet HTML 287Page - Zilog, Inc. Z80 Datasheet HTML 288Page - Zilog, Inc. Z80 Datasheet HTML 289Page - Zilog, Inc. Z80 Datasheet HTML 290Page - Zilog, Inc. Z80 Datasheet HTML 291Page - Zilog, Inc. Z80 Datasheet HTML 292Page - Zilog, Inc. Z80 Datasheet HTML 293Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
269
WR4
Parity information, Sync Mode, SDLC
Mode, X1 Clock Mode
WR0
Pointer 5, Reset External/Status
Interrupts
WR5
SDLC-CRC, Data Terminal Ready
WR0
Pointer 3
WR3
Receive CRC Enable, enter Hunt Mode,
Auto Enables, Receive Character Length,
Address Search Mode
Auto Enables enables the receiver to
accept data only after MB becomes
active. Address Search Mode Enables
SIO to match the message address
with the programmed address or the
global address.
WR0
Pointer 6
WR6
Secondary Address Field
This address is compared to the
message address in an SDLC Poll
operation.
WR0
Pointer 7
WR7
SDLCFlag01111110
This flagdetects the start andend-of-
frame in an SDLC Operation. In this
Interrupt Mode, only the address field
(1 character only) is transferred to the
CPU. All subsequent fields (control,
information, and more.) are
transferred on a DMA basis. Status
Affects Vector in Channel B only.
WR0
Pointer 1, Reset External/Status
Interrupts
WR1
Status Affects Vector, External Interrupt
Enable, Receive Interrupt on first
character only.
WR0
Pointer 3, Enable Interrupt on next
Receive Character
This flag provides simple loop-back
entry point for next transaction.
WR3
Receive Enable, Receive CRC Enable,
enter Hunt Mode, Auto Enables,
Receiver Character Length, Address
Search Mode
WR3 reissued to enable receiver.
Table 10. SDLC Receive Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com