Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 284 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 284 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 280Page - Zilog, Inc. Z80 Datasheet HTML 281Page - Zilog, Inc. Z80 Datasheet HTML 282Page - Zilog, Inc. Z80 Datasheet HTML 283Page - Zilog, Inc. Z80 Datasheet HTML 284Page - Zilog, Inc. Z80 Datasheet HTML 285Page - Zilog, Inc. Z80 Datasheet HTML 286Page - Zilog, Inc. Z80 Datasheet HTML 287Page - Zilog, Inc. Z80 Datasheet HTML 288Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
264
Data Transfer and
Status
Monitoring
When Interrupt (Wait Ready)
occurs, the CPU performs the
following:
Flags are transmitted by the SIO as soon as
Transmit Enable is set and CTS becomes active.
The CTS status change is the first interrupt that
occurs and is followed by transmit buffer empty
for subsequent transfers. Word length can be
changed on-the-fly for variable I-Field length.
The data byte can contain address, control, or I-
Field information, but not a flag. Reset Tx
Underrun/EOM Latch in the beginning of the
message to avoid a false end-of-frame detection
at the receiving end. This ensures that, when
underrun occurs, CRC is transmitted and
Underrun Interrupt (Tx Underrun/EOM Latch
active) occurs. Send Abort can be issued to the
SIO in response to any interrupting, continuing
to abort the transmission.
• Changes Transmit Word
Length (if necessary)
• Transfers Data Byte from
CPU (memory) to SIO
• Resets Tx Underrun/EOM
Latch WR0
If the last character of the I-
Field is sent, the SIO performs
the following:
• Sends CRC
• Sends Closing Flag
• Interrupts CPU with Buffer
Empty status
The CPU performs the
following:
• Issues Reset Tx Interrupt
Pending Command to the Z80
SIO
• Updates NS count
• Repeats the process for next
message, and more.
If the Vector Indicates an error,
the CPU performs the
following:
• Sends Abort
• Executes Error Routine
• Updates Parameters, Modes,
and more
Table 9. SDLC Transmit Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com