Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 283 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 283 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 279Page - Zilog, Inc. Z80 Datasheet HTML 280Page - Zilog, Inc. Z80 Datasheet HTML 281Page - Zilog, Inc. Z80 Datasheet HTML 282Page - Zilog, Inc. Z80 Datasheet HTML 283Page - Zilog, Inc. Z80 Datasheet HTML 284Page - Zilog, Inc. Z80 Datasheet HTML 285Page - Zilog, Inc. Z80 Datasheet HTML 286Page - Zilog, Inc. Z80 Datasheet HTML 287Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
263
WR4
Parity Information, SDLC
Mode, X1 Clock Mode
WR0
Pointer 1. Reset External/Status
Interrupts
WR1
External Interrupt Enable,
Status Affects Vector, Transmit
Interrupt Enable or Wait/Ready
Mode Enable
The External Interrupt Mode monitors the
status of the CTS and DCD inputs, as well as
the status of Tx Underrun/EOM Latch.
Transmit Interrupt interrupts when the transmit
butter becomes empty; the Wait/Ready mode
canbe used totransferdata ona DMAor block
transfer basis. The first Interrupt occurs when
CTS becomes active, at which time flags are
transmitted by the Z80 SIO. The first data byte
(address field) can be loaded in the Z80 SIO
after this interrupt. Flags cannot be sent to the
Z80 SIO as data. Status Affects Vector used in
Channel B only.
WR0
Pointer 5
WR5
Transmit CRC Enable, Request
to Send, SDLC-CRC Transmit
Enable, Transmit Word Length,
Data Terminal Ready
SDLC-CRC Mode must be defined before
initializing Transmit CRC Generator
WR0
Reset Transmit CRC Generator Initialize CRC Generator to all 1s
Idle Mode
Execute Halt Instruction or
some other program
Waiting for Interrupt or Wait/Ready output to
transfer data
Table 9. SDLC Transmit Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com