Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 281 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 281 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 277Page - Zilog, Inc. Z80 Datasheet HTML 278Page - Zilog, Inc. Z80 Datasheet HTML 279Page - Zilog, Inc. Z80 Datasheet HTML 280Page - Zilog, Inc. Z80 Datasheet HTML 281Page - Zilog, Inc. Z80 Datasheet HTML 282Page - Zilog, Inc. Z80 Datasheet HTML 283Page - Zilog, Inc. Z80 Datasheet HTML 284Page - Zilog, Inc. Z80 Datasheet HTML 285Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
261
7. The CPU immediately issues a Send Abort Command WR0 to the
Z80 SIO.
8. The Z80 SIO sends the Abort sequence by destroying whatever data
(CRC, data, or flag) is being sent.
As this sequence describes, the CPU has a protection of 22 minimum and
30 maximum transmit clock cycles.
SDLC CRC Generation
Reset the CRC generator to all 1s at the beginning of each frame before
CRC accumulation begins. Actual accumulation begins when the program
sends the address field (eight bits) to the Z80 SIO. Although the Z80 SIO
automatically transmits one flag character following the Transmit Enable,
send a few more flag characters ahead of the message to ensure that char-
acter synchronization occurs at the receiving end. Synchronization is
accomplished by externally timing out after enabling the transmitter, and
before loading the first character.
The Transmit CRC Enable (WR5, D0) must be enabled before sending the
address field. In the SDLC mode, all the characters between the opening
and closing flags are included in CRC accumulation, and the CRC gener-
ated in the Z80 SIO transmitter is inverted before it is sent on the line.
Transmit Termination
If the transmitter is disabled while a character is being sent, that Character
(data or flag) is sent, but is followed by a marking line rather than CRC or
flag characters.
A character in the buffer while the transmitter is disabled, remains in the
buffer; however, a programmed Abort sequence executes when it is written
to the control register. Characters being transmitted, if any, are lost. In the
case of CRC, the 16-bit transmission is completed if the transmitter is
disabled; however, flags are sent in place of CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com