Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 278 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 278 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 274Page - Zilog, Inc. Z80 Datasheet HTML 275Page - Zilog, Inc. Z80 Datasheet HTML 276Page - Zilog, Inc. Z80 Datasheet HTML 277Page - Zilog, Inc. Z80 Datasheet HTML 278Page - Zilog, Inc. Z80 Datasheet HTML 279Page - Zilog, Inc. Z80 Datasheet HTML 280Page - Zilog, Inc. Z80 Datasheet HTML 281Page - Zilog, Inc. Z80 Datasheet HTML 282Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
258
information field may be sent to the Z80 SIO using the Transmit Interrupt
mode. The Z80 SIO transmits the Frame Check sequence using the
Transmit Underrun feature.
When the transmitter is first enabled, it is already empty and cannot then
become empty. Therefore, no Transmit Buffer Empty interrupts can occur
until after the first data character is written.
Data Transfer Using WAIT/READY
When the Wait/Ready function is selected, WAIT communicates to the
CPU that the Z80 SIO is not ready to accept the data and that the CPU must
extend the I/O cycle. To a DMA controller, READY communicates that the
transmitter buffer is empty and that the Z80 SIO is ready to accept the next
character. If the data character is not loaded to the Z80 SIO by the time the
transmit shift register is empty, the Z80 SIO enters the Transmit Underrun
condition. Address, control, and information fields may be transferred to
Table 8. Contents of Write Registers 3, 4, and 5 in SDLC Modes
Bit 7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WR
3
00 = Rx 5 Bits Char
10 = Rx 6 Bits Char
01 = Rx 7 Bits Char
11 = Rx 8 Bits Char
Auto
Enables
Enter Hunt
Mode (if
incoming
data not
needed)
Rx CRC
Enable
Address
Search
Mode
0Rx
Enable
WR
4
00
1
Selects
SDLC
Mode
0
Selects
SDLC
Mode
00
0
0
WR
5
DTR
00 = Tx5Bits (or less)
Char
10 = Tx6Bits Char
01 = Tx7Bits Char
11 = Tx 8 Bits Char
0
Tx Enable 0
Selects
SDLC
CRC
RTS
Tx CRC
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com