Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 299 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 299 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 295Page - Zilog, Inc. Z80 Datasheet HTML 296Page - Zilog, Inc. Z80 Datasheet HTML 297Page - Zilog, Inc. Z80 Datasheet HTML 298Page - Zilog, Inc. Z80 Datasheet HTML 299Page - Zilog, Inc. Z80 Datasheet HTML 300Page - Zilog, Inc. Z80 Datasheet HTML 301Page - Zilog, Inc. Z80 Datasheet HTML 302Page - Zilog, Inc. Z80 Datasheet HTML 303Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
279
Figure 115. Write Register 1
Wait/Ready Function Selection (D7-D5). The Wait and Ready functions are
selected by controlling D5, D6, and D7. Wait/Ready function is enabled by
setting Wait/Ready Enable (WR1, D7) to 1. The Ready function is selected
by setting D5 (Wait/Ready function) to 1. If this bit is 1, the WAIT/READY
output switches from High to Low when the Z80 SIO is ready to transfer
Table 17. Receive Interrupt Modes
D4
Receive
Interrupt Mode
1
D3
Receive
Interrupt Mode
0Result
0
0
Receive Interrupts Disabled
0
1
Receive Interrupt On First Character Only
1
0
Interrupt On All Receive Characters
−
parity error is a Special Receive condition
1
1
Interrupt On All Receive Characters
−
parity error is not a Special Receive
condition
00
01
10
11
Rx INT Disable
Rx INT on First Character
INT on All Rx Characters (Parity Affects Vector)
INT on All Rx Characters (Parity Does Not Affect Vector)
EXE INT Enable
Tx INT Enable
Status Affects Vector
(CH.B Only)
Wait/Ready on R/T
Wait/Ready Function
Wait/Ready Enable
D7
D6
D5
D4
D3
D2
D1
D0
*Or on special condition
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com