Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 311 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 311 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 307Page - Zilog, Inc. Z80 Datasheet HTML 308Page - Zilog, Inc. Z80 Datasheet HTML 309Page - Zilog, Inc. Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
291
Write Register 7
This register is programmed to contain the receive sync character in the
Monosync mode, a second byte (last eight bits) of a 16-bit sync character in
the Bisync mode, or a flag character (0111 1110) in the SDLC mode. WR7
is not used in the External Sync mode.
Figure 121. Write Register 7
Table29. WriteRegister6 Transmit Sync
D7
D6
D5
D4
D3
D2
D1
D0
Sync 7
Sync 6
Sync 5
Sync 4
Sync 3
Sync 2
Sync 1
Sync 0
Table30. WriteRegister7 ReceiveSync
D7
D6
D5
D4
D3
D2
D1
&
Sync 15 Sync 14 Sync 13 Sync 12 Sync 11 Sync 10 Sync 9
Sync 8
SYNC Bit 8
SYNC Bit 9
SYNC Bit 10
SYNC Bit 11
D7
D6
D5
D4
D3
D2
D1
D0
*
SYNC Bit 12
SYNC Bit 13
SYNC Bit 14
SYNC Bit 15
*For SDLC it must be programmed to ‘0111 1110’ for flag recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com