Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 310 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 310 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 306Page - Zilog, Inc. Z80 Datasheet HTML 307Page - Zilog, Inc. Z80 Datasheet HTML 308Page - Zilog, Inc. Z80 Datasheet HTML 309Page - Zilog, Inc. Z80 Datasheet HTML 310Page - Zilog, Inc. Z80 Datasheet HTML 311Page - Zilog, Inc. Z80 Datasheet HTML 312Page - Zilog, Inc. Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
290
Data Terminal Ready (D7)
This is the control bit for the DTR pin. When set, DTR is active (Low);
when reset, DTR is inactive (High).
Write Register 6
This register is programmed to contain the transmit sync character in the
Monosync mode, the first eight bits of a 16-bit sync character in the Bisync
mode, or a transmit sync character in the External Sync mode. In the SDLC
mode, it is programmed to contain the secondary address field, which is
used to compare against the address field of the SDLC frame.
Figure 120. Write Register 6
Table 28. Data Character Format
D7
D6
D5
D4
D3
D2
D1
D0
Result
1
1
1
1
0
0
0
D
Sends one data bit
11
10
0
0
D
D
Sends two data bits
1
1
0
0
0
D
D
D
Sends threedatabits
1
0
0
0
D
D
D
D
Sends four data bits
0
0
0
D
D
D
D
D
Sends five data bits
SYNC Bit 0
SYNC Bit 1
SYNC Bit 2
SYNC Bit 3
D7
D6
D5
D4
D3
D2
D1
D0
*
SYNC Bit 4
SYNC Bit 5
SYNC Bit 6
SYNC Bit 7
*Also SDLC Address Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com