Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 317 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 317 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 313Page - Zilog, Inc. Z80 Datasheet HTML 314Page - Zilog, Inc. Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Z80 Datasheet HTML 318Page - Zilog, Inc. Z80 Datasheet HTML 319Page - Zilog, Inc. Z80 Datasheet HTML 320Page - Zilog, Inc. Z80 Datasheet HTML 321Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
297
Read Register 1
This register contains the Special Receive condition status bits and Residue
codes for the I-Field in the SDLC Receive Mode.
All Sent (D0)
In asynchronous modes, this bit is set when all the characters have
completely cleared the transmitter. Transitions of this bit do not cause inter-
rupts and it is always set in synchronous modes.
Residue Codes 0, 1, and 2 (D3-D1)
In SDLC receive mode, these three bits indicate the length of the I-field,
when the I-field is not an integral multiple of the character length. These
codes are only meaningful for a transfer in which the End-of-Frame bit is
set (SDLC). For a receive character length of eight bits per character, the
codes signify the following:
Table 32. Read Register 1 Special Receive Condition Status
D7
D6
DS
D4
D3
D2
D1
D0
End of
Frame
(SDLC)
CRC/
Framing
Error
Receiver
Overrun
Error
Parity
Error
Residue
Code 2
Residue
Code 1
Residue
Code 0
All sent
Table33. ResidueCodes
Residue Code
2
Residue Code
1
Residue Code
0
I-Field Bits in
Previous Byte
I-Field Bits in
Second
Previous Byte
10003
01004
11005
00106
10107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com