Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 319 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 319 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 315Page - Zilog, Inc. Z80 Datasheet HTML 316Page - Zilog, Inc. Z80 Datasheet HTML 317Page - Zilog, Inc. Z80 Datasheet HTML 318Page - Zilog, Inc. Z80 Datasheet HTML 319Page - Zilog, Inc. Z80 Datasheet HTML 320Page - Zilog, Inc. Z80 Datasheet HTML 321Page - Zilog, Inc. Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
299
Figure 123. Read Register 1
Parity Error (D4)
When parity is enabled, this bit is set for those characters whose parity does
not match the programmed sense (even/odd). The bit is latched, so when an
error occurs, the bit remains set until given the Error Reset command (WR0).
Receive Overrun Error (D5)
This bit indicates that more than three characters have been received
without a read from the CPU. Only the character that has been written over
is flagged with this error, but when this character is read, the error condition
is latched until reset by the Error Reset command. If Status Affects Vector
is enabled, the character that has been overrun interrupts with a Special
Receive Condition vector.
10
0
01
0
11
0
00
1
10
1
01
1
11
1
00
0
Parity Error
Rx Overrun Error
CRC/Framing Error
End-of-Frame (SDLC)
D7
D6
D5
D4
D3
D2
D1
D0
*Residue Data for Eight Rx
Bits/Character Programmed
All Sent
IField Bits
in Previous
Byte
0
0
0
0
0
0
1
2
I Field Bits in
Second Previous
Byte
3
4
5
6
7
8
8
8
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com