Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 327 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 327 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Z80 Datasheet HTML 324Page - Zilog, Inc. Z80 Datasheet HTML 325Page - Zilog, Inc. Z80 Datasheet HTML 326Page - Zilog, Inc. Z80 Datasheet HTML 327Page - Zilog, Inc. Z80 Datasheet HTML 328Page - Zilog, Inc. Z80 Datasheet HTML 329Page - Zilog, Inc. Z80 Datasheet HTML 330Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 327 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
307
Figure 130. Interrupt Acknowledge Cycle Timing
Return From Interrupt Cycle
Normally, the Z80 CPU issues a RETI, RETurn from Interrupt, instruction
at the end of an interrupt service routine. The RETI is a 2-byte Op Code,
ED-4D, which resets the interrupt-underservice latch that terminates the
interrupt just processed. This is accomplished by manipulating the daisy-
chaininthe followingway.
The normal daisy-chain operation can detect a pending interrupt; however,
it cannot distinguish between an interrupt under service and a pending
unacknowledged interrupt of a higher priority. Whenever ED is decoded,
the daisy-chain is modified by forcing High the IEO of any interrupt not yet
acknowledged.
Thus the daisy-chain identifies the device presently under service as the
only one with an IEI High and an IEO Low. If the next Op Code byte is 4D,
the interrupt-underservice latch is reset. See Figure 131.
T1
Φ
IORQ
RD
M1
Data
T2
TW
T3
T4
IEI
Vector
TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com